PART |
Description |
Maker |
LM2574 |
52kHz Simple 0.5A Buck Regulator(固定频率B>52kHz 输出电流0.5A 可调转换电压步降稳压
|
Micrel Semiconductor,Inc.
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
5962-8982301MTX 5962-8982301MZX 5962-8982304QXX 59 |
Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) Field Programmable Gate Array (FPGA) 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 SOT23, Switched-Capacitor Voltage Inverters with Shutdown 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
LSP3127 |
52KHZ 2A PWM Buck DC/DC Converter
|
Lite-On
|
LM2575-5 LM2575-D |
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator Easy Switchertm 1.0 a Step-down Voltage Regulator
|
ON Semiconductor ONSEMI
|
HC55120CB HC55130IB |
Voltage Regulator IC; Output Current:2A; Output Voltage:5V; Package/Case:3-TO3P; Output Voltage Max:5.1V; Output Voltage Min:4.9V IC-VLTG REG 6V TO220 ISO
|
Intersil Corporation
|
LM2576D2T-12 LM2576D2T-15 LM2576D2T-3.3 LM2576D2T- |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 3.0 A STEP-OWN VOLTAGE REGULATOR From old datasheet system
|
ONSEMI[ON Semiconductor]
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
MIC39300 MIC39300-1.8BT MIC39300-1.8BU MIC39300-1. |
3A, Low-Voltage Low-Dropout Regulator IC REG LDO 3A 1.8V TO263 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 IC REG LDO 3A 1.8V TO263-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 IC REG LDO 3A 2.5V TO263-5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 Linear Voltage Regulator IC; Output Current Max:3A; Package/Case:5-TO-263; Output Voltage:1.8V; Current Rating:3A; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No
|
Micrel Semiconductor, Inc. MICREL INC
|
MB3827 MB3827PFV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
FUJITSU LTD Fujitsu Limited Fujitsu Component Limited.
|